PART |
Description |
Maker |
IXFN44N50U2 IXFN44N50U3 IXFN48N50U2 IXFN48N50U3 IX |
HiPerFET Power MOSFET (Buck & Boost Configurations for PFC & Motor Control Circuits最大漏源击穿电00V,导通电.10Ω的N沟道增强型HiPerFET功率MOSFET(步步降配置,用于PFC和电机控制电路)) HiPerFET Power MOSFETs MOSFET Modules
|
IXYS Corporation
|
IXFT32N50 IXFH32N50 IXFH30N50 IXFT30N50 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(??ぇ婕???荤┛?靛?00V,瀵奸??甸?.16惟??娌??澧?己??iPerFET???MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRFP064V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A?
|
Power MOSFET International Rectifier
|
IXFT88N30P IXFK88N30P IXFH88N30P |
Polar HiPerFET Power MOSFET 88 A, 300 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Polar HiPerFET Power MOSFET
|
IXYS Corporation
|
IRF9Z14 |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A)
|
IRF[International Rectifier]
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
HUF76423S3S HUF76423P3 FN4708 HUF76423S3ST HUF7642 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 36A条(丁)|63AB N-Channel NexFET Power MOSFET 8-SON -55 to 150 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|